absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current (dc) if 100 ma forward current (pulse)*1 ifp 0.4 a reverse voltage vr 5 v power dissipation pd 110 mw operating temperature range topr -20 ~ +85 oc storage temperature range tstg -30 ~ +100 oc *1: tw=10sec, t=10msec. peak emission wavelength: 855nm the 850nm point source series is designed for applications requiring high accuracy and precision as well as uniform spectral emission. custom package solutions and sorting are available. f e a t u r e s > ceramic dome surface mount 3.52.2 1.91 > emitting window diameter 150m > extremely narrow radiation pattern > high reliability / high output power a p p l i c a t i o n s > optical scanning > linear & rotary encoder > edge sensing > optical sensors electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t power output po if=20ma -- 2.5 -- m w forward voltage vf if=20ma -- 1.7 2.2 v reverse current ir vr=5v -- -- 100 a peak emission wavelength p if=20ma -- 855 -- nm spectral line half width ? if=20ma -- 40 -- nm half intensity beam angle ? if=20ma -- 6 -- deg infrared point source emitter product no: m t p s 8 0 8 5 c p global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 2011-05-23
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared point source emitter product no: m t p s 8 0 8 5 c p 2 2011-05-23
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared point source emitter product no: m t p s 8 0 8 5 c p 3 2011-05-23
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com infrared point source emitter product no: m t p s 8 0 8 5 c p 4 the information contained herein is subject to change without notice. 2011-05-23
|